Part Number Hot Search : 
AN523 BCWL120 NTE5910 24800 C1408 CN25J BC337 T100A
Product Description
Full Text Search
 

To Download C2611-TO-251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
TO-251 Plastic-Encapsulate Transistors
C 2611
TRANSISTORNPN (c)
TO 251
FEATURES Power dissipation PCM : 1 W Tamb=25ae(c) Collector current ICM : 0.2 A Collector-base voltage V(BR)CBO : 600 V Operating and storage junction temperature range T J T stg: -55aeto +150ae ELECTRICAL CHARACTERISTICS Tamb=25 ae unless otherwise specified(c)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(c) 1 DC current gain hFE(c) 2 Collector-emitter saturation voltage Base-emitter saturation voltage VCE(sat) VBE(sat) Test
1. EMITTER 2.COLLECTOR 3.BASE
1
2
3
conditions
MIN 600 400 7
TYP
MAX
UNIT V V V
Ic= 100|I =0 A IE IC= 1 mA , IB=0
IE= 100 |I IC=0 A VCB= 600 V , IE=0 VCE= 400 V , IB=0 VEB= 7 V , VCE= 20 IC=0
100 200 100 10 5 0.5 1.2 40
|I A |I A |I A
V, IC= 20m A
VCE= 10V, IC= 0.25 mA IC= 50mA, IB= 10 m A IC= 50 mA, IB= 10m A VCE= 20 V, I =20mA C
V V
Transition frequency
f
T
8
MHz
f = 1MHz
Fall time Storage time
t
f
IC=50mA, IB1=-IB2=5mA,
0.3 1.5
|I s |I s
tS
VCC=45V
CLASSIFICATION OF h FE(1)
Rank Range 10-15 15-20 20-25 25-30 30-35 35-40
TO-251 PACKAGE OUTLINE DIMENSIONS
D D1 C1
A
B
b1 b L e e1
E
A1
C
Symbol A A1 B b b1 c c1 D D1 E e e1 L
Dimensions In Millimeters Min 2.200 1.020 1.350 0.500 0.700 0.430 0.430 6.350 5.200 5.400 2.300TYP 4.500 7.500 4.700 7.900 Max 2.400 1.270 1.650 0.700 0.900 0.580 0.580 6.650 5.400 5.700 Min
Dimensions In Inches Max 0.094 0.050 0.065 0.028 0.035 0.023 0.023 0.262 0.213 0.224 0.091TYP 0.177 0.295 0.185 0.311 0.087 0.040 0.053 0.020 0.028 0.017 0.017 0.250 0.205 0.213


▲Up To Search▲   

 
Price & Availability of C2611-TO-251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X